Part Number Hot Search : 
SP600 PEMB9 F75111R 50500 SAM2331 ZHX1223 AAMDB WT2306
Product Description
Full Text Search
 

To Download FD270010A1A5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Totalizers electromechanic
Impulse counters adding, imprint on card Display 5- or 6-digits, manual reset by lever
FD270
Features - Large pulse counter - Adding - Display 5- or 6-digits - Imprint of the measured result on card, paper stripes or labels - Manual imprint, reset and ink ribbon transport by reset lever
FD270 - Impulse counter Technical data - electrical ratings Voltage supply 115 VAC 10 % (60 Hz) 230 VAC 10 % (50 Hz) 24 VDC 10 % <48 % 50 / 60 Hz 600 mA 14 W, 20 VA 1:1 CE conform Technical data - mechanical design Display Number of digits Digit height Count mode Step-by-step switching Measuring range Reset Imprint Card thickness Card width Ink ribbon transport Operating temperature Storing temperature Relative humidity Protection DIN EN 60529 Housing type E-connection Mounting Dimensions W x H x L Weight approx. Material White numbers on black 5-digits 6-digits 7 mm (numeral readout) 3 mm (printed numerals) 1 impulse = 1 count Adding in whole steps 99 999 and 999 999 Manual by reset lever With lever, without reset By lever upon reset 0.3 mm 85...0 mm Manual by knurled knob -20...+70 C 80 % non-condensing IP 41 Housing with ground plate Cable gland PG 9 Surface mount housing 237 x 152 x 113.5 mm 3500 g Aluminium die cast alloy
Subject to modification in technic and design. Errors and omissions excepted. 30/10/2008
Ripple residue Nominal frequency Current consumption Power consumption Pulse ratio Approval
0...+60 C
1
www.baumerivo.com
Impulse counters adding, imprint on card Display 5- or 6-digits, manual reset by lever
Totalizers electromechanic
FD270
Part number FD270. Display 5-digits 9999.9 5-digits 99999 6-digits 999 999 6-digits 99999.5, count mode 0-5-0-5 Connection diagram -(+) A5 A7 C1 B7 Voltage +(-) Encoder Trigger level Voltage Power Nominal current Resistance Voltage Power Nominal current Resistance Voltage Power Nominal current Resistance Dimensions 24 VDC 10 % 14 W 600 mA 38 115 VAC 10 % 20 VA 180 mA 50 230 VAC +6/-10 % 20 VA 80 mA 290
Voltage 1 24 VDC 5 115 VAC / 60 Hz 6 230 VAC / 50 Hz 010A 020C Imprint / reset Imprint and reset operation parallel Imprint and reset operation separate
90
117 237
92
150
2
www.baumerivo.com
30/10/2008
Subject to modification in technic and design. Errors and omissions excepted.
118.5
125
113.5


▲Up To Search▲   

 
Price & Availability of FD270010A1A5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X